Part Number Hot Search : 
2SK0762A KBL005G 1N5606 TDA8380A 68HC0 CX1622 1N400 1T417
Product Description
Full Text Search
 

To Download TLP2116 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TLP2116
TOSHIBA PHOTOCOUPLER GaAAs Ired & PHOTO-IC
TLP2116
Plasma Display Panels (PDP) High-Speed Interfaces Factory Automation (FA)
The TOSHIBA TLP2116 dual photocoupler consists of a pair of GaAAs light-emitting diodes optically coupled to integrated high gain and high-speed photodetectors.
1 2 3 4 6.0 0.2 0.1 0.1 2.5 0.2
Unit: mm
8 7 6 5
Inverter logic (totem-pole output) Package: SO-8 Guaranteed performance over temperature : -40 to 100C Power supply voltage: 4.5 to 5.5 V Input thresholds current: IFHL = 5 mA (max) Propagation delay time (tpHL/tpLH): 75 ns (max) Switching speed: 15 MBd (typ.)(NRZ) Common mode transient immunity: 10 kV/s Isolation voltage: 2500 Vrms
5.1 0.2
3.95 0.25 1.27 0.15 0.38 0.305 min
11-5K1
JEDEC JEITA TOSHIBA 11-5K1 Weight: 0.21g (typ.)
Truth Table
Input H L LED1(2) ON OFF Tr1(3) OFF ON Tr2(4) ON OFF Output 1(2) L H
Pin Configuration (Top View)
Schematic
ICC IF1 1 2 Tr1 I O1 Tr2 8 VCC
1 2 3 4
VCC
8 1:ANODE 1
7 VO1
GND SHIELD
2:CATHODE 1 3:CATHODE 2 7 4:ANODE 2 5:GND 6 6:VO2(Output2) 7:VO1(Output1) 5 8:VCC
SHIELD
3 VF2 4 IF2 SHIELD
Tr3 I O2 Tr4
6 VO2 5 GND
A bypass capacitor of 0.1 F must be connected between pins 8 and 5.
1
2008-06-11
TLP2116
Absolute Maximum Ratings (Ta=25C)
Characteristic
Forward current LED Forward current derating Peak transient forward current Reverse voltage DETECTOR Output current Output voltage Supply voltage Output power dissipation (Each Channel) (Ta 85C) (Each Channel) (Each Channel) (Note 2) (Each Channel) (Each Channel) (Each Channel) Symbol IF IF/Ta IFPT VR IO VO VCC PO Topr Tstg (10 s) (Note 2) Tsol BVS Rating 20 -0.5 1 5 10 6 6 40 -40 to 100 -55 to 125 260 2500 Unit mA mA/C A V mA V V mW C C C Vrms
Operating temperature range Storage temperature range Lead solder temperature Isolation voltage (AC,1min., R.H. 60%, Ta=25)
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 1: Pulse width PW 1 s, 300pps. Note 2: This device is regarded as a two terminal device : pins 1, 2, 3 and 4 are shorted together, as are pins 5, 6, 7 and 8.
Recommended Operating Conditions
Characteristic Input current , ON Input voltage , OFF Supply voltage(*) Operating temperature (Each Channel) (Each Channel) (Note 3) Symbol IF(ON) VF(OFF) VCC Topr Min 8 0 4.5 -40 Typ. 5.0 Max 18 0.8 5.5 100 Unit mA V V C
(*) This item denotes operating ranges, not meaning of recommended operating conditions. Note 3: The detector of this product requires a power supply voltage (VCC) of 4.5 V or higher for stable operation. If the VCC is lower than this value, an ICCH may increase, or an output may be unstable. Be sure to use the product after checking the supply current, and the operation of a power-on/-off. Note 4: A ceramic capacitor (0.1 F) should be connected from pin 8 (VCC) to pin 5 (GND) to stabilize the operation of the high gain linear amplifier. Failure to provide the bypass may impair the switching property. The total lead length between capacitor and coupler should not exceed 1 cm.
2
2008-06-11
TLP2116
Electrical Characteristics (Unless otherwise specified, Ta = -40 to 100, VCC = 4.5 to 5.5V)
Characteristic Input forward voltage Temperature coefficient of forward voltage Input reverse current Input capacitance Logic low output voltage Logic high output voltage Logic low supply current Logic high supply current Input current logic low output Input voltage logic high output (Each Channel) (Each Channel) (Each Channel) Symbol VF Conditions IF = 10 mA, Ta = 25C Min 1.3 4.0 (Note 3) Typ. 1.65 -2.0 45 Max 1.75 10 0.4 10.0 10.0 5 Unit V mV/C A pF V V mA mA mA V
(Each Channel) VF/Ta IF = 10 mA (Each Channel) (Each Channel) (Each Channel) (Each Channel) IR CT VOL VOH ICCL ICCH IFHL VFLH VR = 5 V, Ta = 25C V = 0, f = 1 MHz, Ta = 25C IOL = 1.6 mA, IF = 12 mA, VCC = 5 V IOH = -0.02 mA, VF = 1.05 V VCC = 5 V IF = 12 mA VF = 0 V
IO =1.6 mA, VO < 0.4 V IO = -0.02 mA, VO > 4.0 V
0.8
*All typical values are at Ta=25C, VCC=5 V unless otherwise specified
Isolation Characteristics (Ta = 25)
Characteristic Capacitance input to output Isolation resistance Symbol CS RS Test Conditions VS = 0, f = 1 MHz R.H. 60%, VS = 500 V AC, 1 minute Isolation voltage BVS AC, 1 second, in oil DC, 1 minute, in oil (Note 2) Min
12
Typ. 0.8 10
14
Max
Unit pF Vrms Vdc
(Note 2) 1x10
2500
5000 5000
3
2008-06-11
TLP2116
Switching Characteristics (Unless otherwise specified, Ta = -40 to 100, VCC = 4.5 to 5.5V)(Each Channel)
Characteristic
Propagation delay time to logic low output Propagation delay time to logic high output Propagation delay time to logic low output Propagation delay time to logic high output Switching time dispersion between ON and OFF Output fall time (90 - 10%) Output rise time (10 - 90%) Common mode transient immunity at high level output Common mode transient immunity at low level output *All typical values are at Ta=25C Note 5: CL is approximately 15 pF which includes probe and Jig/stray wiring capacitance. Symbol tpHL 1 tpLH tpHL 2 tpLH |tpHLtpLH| tf tr CMH 3 CML 1 IF = 120 mA VIN = 05 V (IF = 08 mA) VIN = 50 V (IF = 80 mA) CL =15 pF (Note 5) IF = 012 mA IF = 120 mA RIN =100 CL =15 pF (Note 5) VCM =1000 Vp-p , IF = 0 mA, VO (min) = 4 V , Ta = 25C VCM = 1000 Vp-p , IF = 12 mA, VO (max) = 0.4 V , Ta = 25C Test Circuit Conditions IF = 012 mA RIN = 100 CL = 15 pF (Note 5) RIN = 430 CIN = 27 pF CL = 15 pF (Note 5) 75 75 75 ns ns ns Min Typ. Max 75 Unit ns

IF = 12 mA RIN =100 , 15 15 30 ns ns ns V/s V/s
-- --
10000 -10000
-- --
4
2008-06-11
TLP2116
Test Circuit 1: Switching Time Test Circuit
IF=12 mA (P.G) (f=5 MHz , duty=50%, less than tr = tf= 5 ns)
1
IF monitor
VCC
8 7
VO monitor 0.1 F
IF VO
VCC
50%
2 3
CL = 15 pF
tf
tr
VOH
90%
6
GND SHIELD
4
5
CL = 15 pF
1.5 V tpHL tpLH
10%
VOL
RIN = 100
CL is capacitance of the probe and JIG. (P.G) : Pulse Generator
Test Circuit 2: Switching Time Test Circuit
VIN=5V (P.G) (f=5 MHz , duty=50%, less than tr = tf= 5 ns)
VIN monitor
1
CL = 15 pF
VCC
8 7
VO monitor 0.1 F
IF VO
VCC
50%
2 3
CIN = 27 pF
tf
tr
VOH
90%
6
GND SHIELD
4
RIN=430
5
CL=15pF
1.5 V tpHL tpLH
10%
VOL
CL is capacitance of the probe and JIG. (P.G) : Pulse Generator
Test Circuit 3: Common-Mode Transient Immunity Test Circuit
90%
SW A B
90%
1000 10%
IF
1 2 3 4
SHIELD
VCC
8 7 6
0.1F Vo
VCM
10%
tr
tf
SW B: IF=0mA
VCC
CMH
4V
GND
5
VO
SW A: IF=12mA
0.4V CML
VC
CMH
800(V)
tr(s)
CML-
800(V)
tf(s)
5
2008-06-11
TLP2116
RESTRICTIONS ON PRODUCT USE
* Toshiba Corporation, and its subsidiaries and affiliates (collectively "TOSHIBA"), reserve the right to make changes to the information in this document, and related hardware, software and systems (collectively "Product") without notice. * This document and any information herein may not be reproduced without prior written permission from TOSHIBA. Even with TOSHIBA's written permission, reproduction is permissible only if reproduction is without alteration/omission. * Though TOSHIBA works continually to improve Product's quality and reliability, Product can malfunction or fail. Customers are responsible for complying with safety standards and for providing adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situations in which a malfunction or failure of Product could cause loss of human life, bodily injury or damage to property, including data loss or corruption. Before creating and producing designs and using, customers must also refer to and comply with (a) the latest versions of all relevant TOSHIBA information, including without limitation, this document, the specifications, the data sheets and application notes for Product and the precautions and conditions set forth in the "TOSHIBA Semiconductor Reliability Handbook" and (b) the instructions for the application that Product will be used with or for. Customers are solely responsible for all aspects of their own product design or applications, including but not limited to (a) determining the appropriateness of the use of this Product in such design or applications; (b) evaluating and determining the applicability of any information contained in this document, or in charts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operating parameters for such designs and applications. TOSHIBA ASSUMES NO LIABILITY FOR CUSTOMERS' PRODUCT DESIGN OR APPLICATIONS. * Product is intended for use in general electronics applications (e.g., computers, personal equipment, office equipment, measuring equipment, industrial robots and home electronics appliances) or for specific applications as expressly stated in this document. Product is neither intended nor warranted for use in equipment or systems that require extraordinarily high levels of quality and/or reliability and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage or serious public impact ("Unintended Use"). Unintended Use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used for automobiles, trains, ships and other transportation, traffic signaling equipment, equipment used to control combustions or explosions, safety devices, elevators and escalators, devices related to electric power, and equipment used in finance-related fields. Do not use Product for Unintended Use unless specifically permitted in this document. * Do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy Product, whether in whole or in part. * Product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. * The information contained herein is presented only as guidance for Product use. No responsibility is assumed by TOSHIBA for any infringement of patents or any other intellectual property rights of third parties that may result from the use of Product. No license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. * ABSENT A WRITTEN SIGNED AGREEMENT, EXCEPT AS PROVIDED IN THE RELEVANT TERMS AND CONDITIONS OF SALE FOR PRODUCT, AND TO THE MAXIMUM EXTENT ALLOWABLE BY LAW, TOSHIBA (1) ASSUMES NO LIABILITY WHATSOEVER, INCLUDING WITHOUT LIMITATION, INDIRECT, CONSEQUENTIAL, SPECIAL, OR INCIDENTAL DAMAGES OR LOSS, INCLUDING WITHOUT LIMITATION, LOSS OF PROFITS, LOSS OF OPPORTUNITIES, BUSINESS INTERRUPTION AND LOSS OF DATA, AND (2) DISCLAIMS ANY AND ALL EXPRESS OR IMPLIED WARRANTIES AND CONDITIONS RELATED TO SALE, USE OF PRODUCT, OR INFORMATION, INCLUDING WARRANTIES OR CONDITIONS OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, ACCURACY OF INFORMATION, OR NONINFRINGEMENT. * GaAs (Gallium Arsenide) is used in Product. GaAs is harmful to humans if consumed or absorbed, whether in the form of dust or vapor. Handle with care and do not break, cut, crush, grind, dissolve chemically or otherwise expose GaAs in Product. * Do not use or otherwise make available Product or related software or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or manufacturing of nuclear, chemical, or biological weapons or missile technology products (mass destruction weapons). Product and related software and technology may be controlled under the Japanese Foreign Exchange and Foreign Trade Law and the U.S. Export Administration Regulations. Export and re-export of Product or related software or technology are strictly prohibited except in compliance with all applicable export laws and regulations. * Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS compatibility of Product. Please use Product in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances, including without limitation, the EU RoHS Directive. TOSHIBA assumes no liability for damages or losses occurring as a result of noncompliance with applicable laws and regulations.
6
2008-06-11


▲Up To Search▲   

 
Price & Availability of TLP2116

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X